Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 25Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 26Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 27Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 28Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 29Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 30Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 31Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 32Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
29 of 38
In addition to the DC bias and temperature variation noted above, variation in effective capacitance with applied AC
voltage needs to be considered as well. Ceramic capacitors are typically specified for an AC ripple of 1V. Effective
capacitance decreases with lower AC ripple voltages. Effective capacitance will decrease by 30% or more with the
very low AC ripple at the output of the LT3077. Contact the ceramic capacitor vendor for more information on
temperature, DC bias voltage, and AC ripple voltage effects when selecting a capacitor to meet the minimum
capacitance requirements of the LT3077.
Figure 67. Ceramic Capacitor DC Bias Characteristics
Figure 68. Ceramic Capacitor Temperature Characteristics
Stability and Input Capacitance
The LT3077 is stable with a minimum capacitance of 4.7μF connected to the IN pins. Use low ESR capacitors to
minimize instantaneous voltage drops under large-load transient conditions. Large VIN droops during large-load
transients may cause the regulator to enter dropout with the corresponding degradation in load transient response.
Therefore, increased input and output capacitance values may be necessary depending on an application’s
requirements. Sufficient input capacitance is critical as the circuit is intentionally operated close to dropout to
minimize power. Ideally, the output impedance of the supply that powers IN should be less than 20mΩ to support a
3A load with large transients.
In cases where a wire is used to connect a power supply to the input of the LT3077 (and also from the ground of the
LT3077 back to the power supply ground), large input capacitors are required to avoid an unstable application. This
is due to the inductance of the wire forming an LC tank circuit with the input capacitor and not a result of the LT3077
being unstable. A wire's self-inductance, or isolated inductance, is directly proportional to its length. However, the
diameter of a wire does not have a significant influence on its self-inductance. For example, one inch of 18-AWG, 0.04
inch diameter wire has 28nH of self-inductance. The self-inductance of a 2-AWG isolated wire with a diameter of 0.26
inch is about half the inductance of the 18-AWG wire. The overall self-inductance of a wire can be reduced in two
ways. One is to divide the current flowing toward the LT3077 between two parallel conductors. In this case, the
farther the wires are placed apart, the more the inductance is reduced, up to a 50% reduction when set a few inches
apart. Splitting the wires connects two equal inductors in parallel. However, when placed near each other, mutual
inductance is added to the overall self-inductance of the wires. The most effective way to reduce overall inductance
is to place the forward and return-current conductors (the wire for the input and the wire for the return ground) in
very close proximity. In this case, two 18-AWG wires separated by 0.05 inches reduce the overall self-inductance to
about one-fourth of a single isolated wire. If the LT3077 is powered by a battery mounted near the ground and power
planes on the same circuit board, a 10μF input capacitor is sufficient for stability. If a distant supply powers the
LT3077, use a low ESR, large value input capacitor on the order of 220μF. As power supply output impedance varies,
the minimum input capacitance needed for application stability also varies.
20
0
–20
DC BIAS VOLTAGE (V)
0
2
4
6
8
10
12
Y5V
X5R
14
16
–40
–60
–80
–100
BOTH CAPACITORS ARE 16V
1210 CASE SIZE, 10µF
40
20
0
–20
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
Y5V
X5R
125
–40
–60
–80
–100
BOTH CAPACITORS ARE 16V
1210 CASE SIZE, 10µF
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com