Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
ADL5205
Rev. A | Page 25 of 31
STANDARD DEVELOPMENT PLATFORM (SDP)
INTERFACE
The ADL5205-EVALZ connects to the universal serial bus
(USB) port on a Windows-based PC through an SDP board.
The SDP interface board plugs into the P1 connector on the
ADL5205-EVALZ evaluation board and provides all the digital
handshaking to communicate with the USB. Use the SDP with
the ADL5205 control software on the PC.
To control the ADL5205 through the USB to SDP interface,
nine jumpers must be inserted from the odd numbered pins
(Pin 1, Pin 3, Pin 5, Pin 7, Pin 9, Pin 11, Pin 13, Pin 15, and
Pin 17) to the even numbered pins (Pin 2, Pin 4, Pin 6, Pin 8,
Pin 10, Pin 12, Pin 14, Pin 16, and Pin 18 on the P2 connector,
as shown in Figure 63. No jumper is needed for Pin 19 and Pin 20.
USB
SDP
JUMPERS
SDP
INTERFACE
BOARD
Figure 63. SDP Interface Board
A dynamically loadable library (DLL), sdpApi1.dll, provides the
software interface to the actual hardware. The control program,
using the USB interface, can communicate with the hardware
through interface functions in this DLL.
EVALUATION BOARD CONTROL SOFTWARE
Two separate programs are available for use with a Windows-
based PC to control the ADL5205 through the USB to SDP
interface: a command line control program and a program with
a graphical user interface.
COMMAND LINE CONTROL PROGRAM
The adl5205_regw_x_x.exe, where x_x represents the revision
of the program, is a command line program that takes the 8-bit
value represented by the command line argument and writes
into the control register of the ADL5205. The syntax for the
program is shown in Figure 64, which contains a sample run
of the command line control program, showing the help listing.
GRAPHICAL USER INTERFACE (GUI) PROGRAM
The adl5205_ctrlsw_y_y.exe, where y_y represents the revision
of the program, is a GUI program that allows the control of the
ADL5205 functions through an on-screen display. The ADL5205
gain and modes of operation can be controlled interactively
using icons on the computer screen. A typical display from the
GUI control is shown in Figure 65, and the corresponding
control functions are listed in Table 16.
Figure 64. Sample Listing Showing Usage of the Command Line Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com