Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5205ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADL5205
Data Sheet
Rev. A | Page 4 of 31
3.3 V Supply
5 V Supply
Parameter1
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
200 MHz
Noise Figure Increase for First 12 dB of
Gain Reduction
Gain code = 000000 to 001100
1.2
1.2
dB
Noise Figure
6.6
6.6
dB
Second Harmonic
VOUT = 2 V p-p
−75.5
−75
dBc
Third Harmonic
VOUT = 2 V p-p
−77
−87.5
dBc
OIP3
VOUT = 2 V p-p composite
44
48.5
dBm
Output P1dB
13
17
dBm
300 MHz
Noise Figure
6.6
6.9
dB
Second Harmonic
VOUT = 2 V p-p
−63
−64
dBc
Third Harmonic
VOUT = 2 V p-p
−68
−78
dBc
OIP3
VOUT = 2 V p-p composite
43
43.5
dBm
Output P1dB
12.8
17.3
dBm
500 MHz
Noise Figure
7.8
8.2
dB
Second Harmonic
VOUT = 2 V p-p
−58
−61.5
dBc
Third Harmonic
VOUT = 2 V p-p
−57.5
−67.5
dBc
OIP3
VOUT = 2 V p-p composite
37
36
dBm
Output P1dB
13.1
17.7
dBm
DIGITAL INTERFACE
Input Pins
A0 to A5, B0 to B5, MODE1,
MODE0, PWUPA, PWUPB, PM,
LATCHA, LATCHB, SDIO
VIH
Logic high
2
VPOS
2
3.3
V
VIL
Logic low
0
1.0
0
1.0
V
Input Leakage Current
Digital input voltage = 0 V to 3.3 V
±3
±3
μA
Output Pins
SDIO
Logic High (VOH)
IOH = −2 mA
2.4
2.4
V
Logic Low (VOL)
IOL =2 mA
0.5
0.5
V
POWER-INTERFACE
Supply Voltage (VPOS)
VPOS
3.15
3.3
3.45
4.75
5
5.25
V
Quiescent Current
High Performance Mode
PM = low
175
175
mA
Low Power Mode
PM = high
135
135
mA
Power-Down Current
PWUPA and PWUPB = low
14
14
mA
1 When referring to a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.
2 The maximum input swing of 8 V p-p is for the lowest gain setting of −9 dB. As the gain setting increases, the maximum input swing must be reduced correspondingly
to maintain the same maximum output swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com