Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ADL5205
Data Sheet
Rev. A | Page 14 of 31
0
–50
–30
–20
–10
–40
–35
–45
–25
–15
–5
250
–250
–50
50
150
–150
–100
–200
0
100
200
10
100
1k
FREQUENCY (MHz)
+26dB GAIN MAGNITUDE
–9dB GAIN MAGNITUDE
+26dB GAIN PHASE
–9dB GAIN PHASE
Figure 36. Differential Input Reflection (SDD11) Magnitude and Phase vs.
Frequency
–250
–200
–150
–100
–50
0
50
100
150
200
250
–3.0
–2.5
–4.0
–3.5
–5.0
–4.5
–2.0
–1.5
–1.0
–0.5
0
1000
FREQUENCY (MHz)
+26dB GAIN MAGNITUDE
–9dB GAIN MAGNITUDE
+26dB PHASE
–9dB PHASE
Figure 37. Differential Output Reflection (SDD22) Magnitude and Phase vs.
Frequency
12
0
8
4
6
2
10
1.2
–1.2
–0.4
–0.8
0
0.4
0.8
PROGRAMMED GAIN (dB)
–9
–6
–3
0
3
6
9
12
15
18
21
24 26
Figure 38. Phase Variation and Cumulative Gain Step Error vs. Programmed
Gain, Frequency = 200 MHz, VPOS = 3.3 V, 2 V p-p Composite
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
12.5GS/s
80.0ps/pt
A CH2
1.57V
3
2
T
Figure 39. Enable Time Domain Response at VPOS = 5 V
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
12.5GS/s
80.0ps/pt
A CH2
1.56V
3
2
T
Figure 40. Enable Time Domain Response at VPOS = 3.3 V
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
6.25GS/s
160ps/pt
A CH2
1.57V
3
2
T
Figure 41. Disable Time Domain Response at VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com