Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADL5205
Data Sheet
Rev. A | Page 22 of 31
EVALUATION BOARD
OVERVIEW
The ADL5205-EVALZ evaluation board allows the manual
control of the ADL5205 device through the serial and the
parallel interface ports, as well as the control of the device
through the USB port on a Microsoft® Windows® PC via the
system demonstration platform (SDP) interface board. A 3.3 V
low dropout (LDO) voltage regulator supplies the logic circuits
when the device is running on a 5 V supply.
On-board baluns convert single-ended input signals to differential
form for input to the device and convert the differential output
signals of the device to single-ended form for output. To bypass
these baluns, rearrange the 0 Ω resistors on the board as described
in the Signal Inputs and Outputs section.
The ADL5205-EVALZ provides all of the support circuitry
required to operate the ADL5205 in its various modes and
configurations. Figure 62 shows the typical bench setup used to
evaluate the performance of the ADL5205.
POWER SUPPLY INTERFACE
The ADL5205-EVALZ evaluation board requires either a 3.3 V
or 5 V power supply, and an optional negative supply to pull
down the output common-mode dc level to match the ADCs
that require a lower common-mode level. If an external 3.3 V
supply is used, connect it to the test point labeled 3P3V. If a 5 V
supply is used, connect it to the test point labeled 5V. Similarly, if an
external negative supply is used, connect it to the VNEG test point
shown in Figure 62.
ADL5205
CHANNEL B
INPUTS
CHANNEL B
CONTROLS
CHANNEL A
INPUTS
CHANNEL A
OUTPUTS
SUPPLY
CLUSTER
5V
VNEG
3.3V
CHANNEL B
OUTPUTS
CHANNEL A
CONTROLS
MODE
SWITCHES
PARALLEL
INTERFACE
SDP
INTERFACE
SERIAL
INTERFACE
Figure 62. ADL5205-EVALZ Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com