Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5205ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Dual, 35 dB Range, 1 dB Step Size DGA
Data Sheet
ADL5205
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual, independent, digitally controlled gain amplifier (DGA)
−9 dB to +26 dB gain range
1 dB step size, ±0.2 dB accuracy at 200 MHz
100 Ω differential input resistance
10 Ω differential output resistance
1.2 dB change in noise figure for first 12 dB of gain reduction
Output third-order intercept (OIP3): 48.5 dBm at 200 MHz, 5 V,
high performance mode
−3 dB bandwidth: 1700 MHz typical in high performance
mode
Multiple control interface options
Parallel 6-bit control interface with latch
Serial peripheral interface (SPI) with fast attack
Gain step up/down interface
Wide input dynamic range
Low power mode
Power-down control
Single 3.3 V or 5 V supply operation
40-lead, 6 mm × 6 mm LFCSP package
APPLICATIONS
Differential analog-to-digital converter (ADC) drivers
High intermediate frequency (IF) sampling receivers
High output power IF amplification
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
14dB
TO
26dB
GND
VPOS
VINA+
VINA–
0dB TO 23dB
10Ω
10Ω
100Ω
100Ω
SIDE A
SPI WITH FA,
PARALLEL WITH LATCH,
UP/DOWN
SIDE B
SPI WITH FA,
PARALLEL WITH LATCH,
UP/DOWN
VOUTA–
VOUTA+
ADL5205
PM
MODE0
MODE1
VINB+
VINB–
VOUTB–
VOUTB+
0dB TO 23dB
LOGIC
LOGIC
CONTROL
CIRCUITRY
PWUPA
PWUPB
14dB
TO
26dB
Figure 1.
GENERAL DESCRIPTION
The ADL5205 is a digitally controlled, wide bandwidth, variable
gain dual amplifier (DGA) that provides precise gain control, high
output third-order intercept (OIP3) and a near constant noise
figure for the first 12 dB of attenuation. The excellent OIP3
performance of 48.5 dBm (at 200 MHz, 5 V, high performance
mode, and maximum gain) makes the ADL5205 an excellent
gain control device for a variety of receiver applications.
For wide input dynamic range applications, the ADL5205
provides a broad 35 dB gain range with a 1 dB step size. The
gain is adjustable through multiple gain control and interface
options: parallel, SPI, or gain step up/down control.
The two channels of the ADL5205 can be powered up
independently by applying the appropriate logic level to the
PWUPA and PWUPB pins. The quiescent current of the ADL5205
is typically 175 mA for high performance mode and 135 mA for
low power mode. When disabled, the ADL5205 consumes only
14 mA and offers excellent input to output isolation. The gain
setting is preserved when the device is disabled.
Fabricated on the Analog Devices, Inc., high speed, silicon
germanium (SiGe) complementary BiCMOS process, the
ADL5205 provides precise gain adjustment capabilities with good
distortion performance. The ADL5205 amplifier comes in a
compact, thermally enhanced, 6 mm × 6 mm, 40-lead LFCSP
package and operates over the temperature range of −40°C to
+85°C.
Note that throughout this data sheet, multifunction pins, such
as CSA/A3, are referred to by the entire pin name or by a single
function of the pin, for example, CSA, when only that function
is relevant.


Similar Part No. - ADL5205ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5205ACPZ-R7 AD-ADL5205ACPZ-R7 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
More results

Similar Description - ADL5205ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Pasternack Enterprises,...
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
Step Resolution of 1 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
Step Resolution of 1 dB
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Analog Devices
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
1.0 GHz DGA with 30 dB Range and 1 dB Step Size
9/2020-Revision 0
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com