Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
ADL5205
Rev. A | Page 11 of 31
0
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (MHz)
5V, 26dB
5V, 14dB
5V, 6dB
3.3V, 26dB
3.3V, 14dB
3.3V, 6dB
Figure 18. Second Harmonic Distortion (HD2) vs. Frequency over VPOS for Three
Gain Codes at 2 V p-p Composite, Low Power Mode
0
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (MHz)
5V, +85°C
5V, +25°C
5V, –40°C
3.3V, +85°C
3.3V, +25°C
3.3V, –40°C
Figure 19. Second Harmonic Distortion (HD2) vs. Frequency over VPOS for Three
Temperatures at Maximum Gain, 2 V p-p Composite, Low Power Mode
0
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (MHz)
5V, 26dB
5V, 14dB
5V, 6dB
3.3V, 26dB
3.3V, 14dB
3.3V, 6dB
Figure 20. Third Harmonic Distortion (HD3) vs. Frequency over VPOS for Three Gain
Codes at 2 V p-p Composite, High Performance Mode
0
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (MHz)
5V, +85°C
5V, +25°C
5V, –40°C
3.3V, +85°C
3.3V, +25°C
3.3V, –40°C
Figure 21. Third Harmonic Distortion (HD3) vs. Frequency vs. VPOS for Three
Temperatures at Maximum Gain, 2 V p-p Composite, High Performance Mode
0
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (MHz)
5V, 26dB
5V, 14dB
5V, 6dB
3.3V, 26dB
3.3V, 14dB
3.3V, 6dB
Figure 22. Third Harmonic Distortion (HD3) vs. Frequency over VPOS for Three Gain
Codes at 2 V p-p Composite, Low Power Mode
0
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (MHz)
5V, +85°C
5V, +25°C
5V, –40°C
3.3V, +85°C
3.3V, +25°C
3.3V, –40°C
Figure 23. Third Harmonic Distortion (HD3) vs. Frequency over VPOS for Three
Temperatures at Maximum Gain, 2 V p-p Composite, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com