Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADL5205
Data Sheet
Rev. A | Page 8 of 31
Pin No.
Mnemonic
Description
14
LATCHB
Latch B. A logic low on this pin allows the gain to change on Channel B in parallel gain control
interface mode. A logic high on this pin prevents gain changes.
15
VINB−
Channel B Negative Analog Input.
16
VINB+
Channel B Positive Analog Input.
17
PWUPB
Channel B Power-Up. A logic high on this pin powers up Channel B, and a logic low on this pin
disables it.
18
VCMB
Channel B Common-Mode Output.
21
VOUTB−
Channel B Negative Analog Output.
22
VOUTB+
Channel B Positive Analog Output.
24, 27
VPOS
Positive Power Supply.
29
VOUTA+
Channel A Negative Analog Output.
30
VOUTA−
Channel A Positive Output.
33
VCMA
Channel A Common-Mode Output.
34
PWUPA
Channel A Power-Up. A logic high on this pin powers up Channel A, and a logic low on this pin
disables it.
35
VINA+
Channel A Positive Analog Input.
36
VINA−
Channel A Negative Analog Input.
37
LATCHA
Latch A. A logic low on this pin allows the gain to change on Channel A in the parallel gain
control interface mode. A logic high on this pin prevents gain changes.
38
UPDN_DAT_A/A0
Data Pin for the Channel A Up/Down Function (UPDN_DAT_A).
Bit 0 for Channel A in Parallel Gain Control Interface Mode (A0).
39
UPDN_CLK_A/A1
Clock Interface for the Channel A Up/Down Function (UPD_CLK_A).
Bit 1 for Channel A in Parallel Gain Control Interface Mode (A1).
40
FA_A/A2
Fast Attack for Channel A (FA_A). In serial mode, a logic high on this pin attenuates Channel A
according to an FA SPI word.
Bit 2 for Channel A in Parallel Gain Control Interface (A2).
EP
GND
Exposed Pad Ground. The exposed pad must be connected to a low impedance ground plane.
This is the ground (0 V) reference for all the voltages in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com