Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADL5205
Data Sheet
Rev. A | Page 12 of 31
40
0
10
20
5
15
25
30
35
0
100
200
300
400
500
FREQUENCY (MHz)
GAIN = 26dB TO 14dB
13dB TO –9dB
Figure 24. Noise Figure vs. Frequency for 35 dB Gain Range at VPOS = 5 V,
High Performance Mode
40
0
10
20
5
15
25
30
35
0
100
200
300
400
500
FREQUENCY (MHz)
GAIN = 26dB TO 14dB
13dB TO –9dB
Figure 25. Noise Figure vs. Frequency for 35 dB Gain Range at VPOS = 3.3 V,
High Performance Mode
40
0
10
20
5
15
25
30
35
0
100
200
300
400
500
FREQUENCY (MHz)
GAIN = 26dB TO 14dB
13dB TO –9dB
Figure 26. Noise Figure vs. Frequency for 35 dB Gain Range at VPOS = 5 V,
Low Power Mode
40
0
10
20
5
15
25
30
35
0
100
200
300
400
500
FREQUENCY (MHz)
GAIN = 26dB TO 14dB
13dB TO –9dB
Figure 27. Noise Figure vs. Frequency for 35 dB Gain Range at VPOS = 3.3 V,
Low Power Mode
20
10
12
14
16
18
11
13
15
17
19
0
100
200
300
400
500
FREQUENCY (MHz)
5V, +85°C
5V, +25°C
5V, –40°C
3.3V, +85°C
3.3V, +25°C
3.3V, –40°C
Figure 28. Output 1 dB Compression Point (OP1dB) vs. Frequency at Maximum
Gain, High Performance Mode
20
10
12
14
16
18
11
13
15
17
19
0
100
200
300
400
500
FREQUENCY (MHz)
5V, +85°C
5V, +25°C
5V, –40°C
3.3V, +85°C
3.3V, +25°C
3.3V, –40°C
Figure 29. Output 1 dB Compression Point (OP1dB) vs. Frequency at Maximum
Gain, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com