Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
ADL5205
Rev. A | Page 9 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
Supply voltage (VPOS) = 3.3 V or 5 V, TA = 25°C, ZLOAD = 200 Ω, maximum gain (gain code = 000000), 2 V p-p composite differential
output for intermodulation distortion (IMD) and OIP3, 2 V p-p differential output for second harmonic distortion (HD2) and third
harmonic distortion (HD3), VCMA = VCMB = VPOS/2, unless otherwise noted.
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
–40
25
85
TEMPERATURE (°C)
3.45V
3.3V
3.15V
5.25V
5.0V
4.75V
Figure 6. Supply Current vs. Temperature, PM = 0
–40
25
85
TEMPERATURE (°C)
125
127
129
131
133
135
137
139
141
143
145
3.45V
3.3V
3.15V
5.25V
5.0V
4.75V
Figure 7. Supply Current vs. Temperature, PM = 1
–15
–10
–5
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
GAIN CODE
+25°C
–40°C
+85°C
Figure 8. Gain vs. Gain Code over Temperature at 200 MHz
60
0
10
20
30
40
50
0
100
200
300
400
500
FREQUENCY (MHz)
5V, 26dB
5V, 14dB
5V, 6dB
3.3V, 26dB
3.3V, 14dB
3.3V, 6dB
Figure 9. Output Third-Order Intercept (OIP3) vs. Frequency over VPOS at Three
Gain Codes, High Performance Mode
60
0
10
20
30
40
50
0
100
200
300
400
500
FREQUENCY (MHz)
5V, +85°C
5V, +25°C
5V, –40°C
3.3V, +85°C
3.3V, +25°C
3.3V, –40°C
Figure 10. Output Third-Order Intercept (OIP3) vs. Frequency over VPOS for Three
Temperatures at Maximum Gain, High Performance Mode
60
0
10
20
30
40
50
0
100
200
300
400
500
FREQUENCY (MHz)
5V, 26dB
5V, 14dB
5V, 6dB
3.3V, 26dB
3.3V, 14dB
3.3V, 6dB
Figure 11. Output Third-Order Intercept (OIP3) vs. Frequency over VPOS at Three
Gain Codes, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com