Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5205ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
ADL5205
Rev. A | Page 5 of 31
TIMING SPECIFICATIONS
Table 2. SPI Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CSA or CSB to SCLK Setup Time
t
CS
20
ns
SDIO to SCLK Setup Time
tDS
10
ns
SCLK to SDIO Hold Time
tDH
10
ns
SCLK Pulse Width
tPW
25
ns
SCLK Cycle Time
tSCLK
50
ns
SCLK to CSA or CSB Setup Time
tCH
10
ns
SCLK to SDIO Output Valid Delay
tDV
20
ns
During readback
Timing Diagrams
SCLK
___ ___
CSA, CSB
SDIO
tSCLK
tCS
tDS tDH
tPW
tCH
DNC
DNC
DNC
DNC
DNC
DNC
DNC
R/W
FA1
FA0
D5
D4
D3
D2
D1
D0
tDV
Figure 2. SPI Interface Read/Write Mode Timing Diagram
UPDN_DAT_x
UPDN_CLK_x
UP
tPW
tDS
tDH
tDH
tDS
tDS
DOWN
RESET
Figure 3. Up/Down Gain Control Timing Diagram
LATCHA,
LATCHB
A5 TO A0
B5 TO B0
tDH
Figure 4. Parallel Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com