Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
ADL5205
Rev. A | Page 15 of 31
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
6.25GS/s
160ps/pt
A CH2
1.57V
3
2
T
Figure 42. Enable Time Domain Response at VPOS = 3.3 V
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
40.0ns/div
25.0GS/s
40.0ps/pt
A CH2
1.53V
3
2
T
Figure 43. Fast Attack Step Time Domain Response at VPOS = 5 V
CH2 500mV/div 50Ω BW:8.0G
CH3 300mV/div 50Ω BW:5.0G
20.0ns/div
25.0GS/s
40.0ps/pt
A CH2
1.53V
3
2
T
Figure 44. Fast Attack Step Time Domain Response at VPOS = 3.3 V
70
0
10
30
50
20
40
60
10
100
1k
FREQUENCY (MHz)
CMRR 5V
CMRR 3.3V
Figure 45. CMRR vs. Frequency at Maximum Gain
250
200
1.01.21.41.61.82.02.22.4
2.62.8
150
VCMA OR VCMB (V)
100
50
0
3.3V
5V
SETTLING TO WITHIN 1 dB,
FOR GAIN STEP FROM −9dB TO 26dB
Figure 46. Maximum Gain Transition Settling Time vs. Output Common-
Mode Voltage (VCMA or VCMB)
800
850
900
950
1000
10
100
1000
FREQUENCY (MHz)
3.3V, PM = 0
3.3V, PM = 1
5V, PM = 0
5V, PM = 1
Figure 47. Group Delay at Maximum Gain vs. Frequency over VPOS and Power
Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com