Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 12Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 13Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 16Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 17Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 18Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
15 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
The load detection values are shown in Figure 11.
If only 4
 speakers are connected, the low gain mode can be selected during the start-up
diagnostics. A shorted load is indicated until an impedance of 1.5
 is reached. Even ‘soft’
shorts in the wiring harness will be detected.
Fig 10. Principle of start-up diagnostics
Fig 11. Start-up diagnostics load detection levels
(1) First stage: open load/load/line driver load; short across the load.
(2) Second stage: amplifier start plus short to ground/VP; speaker fault.
Fig 12. Start-up with start-up diagnostics
COMPARATORS
SPIKE
FILTER
DOOR-SLAM
PROCESSOR
OFFSET
GENERATOR
I2C-BUS BITS
LOAD CONDITION
001aam697
out +
out
−
SHORTED
NORMAL
LINE DRIVER
OPEN
0.5
Ω
1.5
Ω
high gain
low gain
1.5
Ω
3.2
Ω
20
Ω
20
Ω
80
Ω
80
Ω
200
Ω
200
Ω
400
Ω
400
Ω
001aaam698
001aam699
td(sudiag-on)
tsudiag
tamp_on
(2)
(1)
IB1[D1]
turn on diagnostic
enable
STB
amplifier
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com