Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 16Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 17Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 18Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 19Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 20Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 21Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 22Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
19 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
If IB1[D2] = 1 the AC-load detection measurement cycle is enabled, the peak counter is
reset and the measuring cycle starts. The AC-load detection is only performed after the
amplifier has completed its start-up cycle. Since the AC-load information in the I2C-bus
bits is combined with the start-up diagnostics, the AC-load information can be read when
IB4[D4] = 1. If IB4[D4] = 0, the stored AC-load bits cannot be read, but their values are
preserved.
Table 6.
AC load detection
IB4[D4] = 1
DB1 to 4 [D4] (AC load bit)
No AC load detected
0
AC load detected
1
Fig 14. AC load impedance as a function of peak output voltage (high current AC-load
detection)
Fig 15. AC load impedance as a function of peak output voltage (low current AC-load
detection)
001aam701
VoM (V)
06
4
2
10
15
5
20
25
ZL
(
Ω)
0
trip level
load detected,
l2C-bus bits set
no load detected,
l2C-bus bits not set
001aam702
VoM (V)
06
4
2
20
30
10
40
50
ZL
(W)
0
load detected,
l2C-bus bits set
no load detected,
l2C-bus bits not set
trip level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com