Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 16Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 17Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 18Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 19Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 20Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 21Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
18 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.5.3 AC load detection
The AC load detection, set with IB1[D2] = 1, is used to detect if AC-coupled speakers
such as tweeters are connected correctly. The detection requires a 19 kHz sine wave to
be applied to the inputs of the amplifier. A high current AC-load detection mode can be
selected, for example during car assembly, or a low current AC-load detection mode, for
example during switch on of car radio. The output voltage over the load impedance
generates an amplifier current. If the amplifier peak current triggers 4 times a 500 mA
(peak) threshold (or 275 mA (peak) in low current mode), the AC-load detection bit is set.
The 4 ‘threshold cross’ counter is used to prevent false AC-load detection caused by
switching the input signal on or off.
An AC-coupled speaker reduces the impedance at the output of the amplifier in a certain
frequency band. The presence of an AC-coupled speaker can be determined using a high
current mode (IB4[D1] = 1, see Figure 14) or using a low current detection mode
(IB4[D1] = 0; see Figure 14.
If, for instance, a 19 kHz input signal is generated with a peak output voltage of 2 V the
I2C-bus bits are guaranteed to be set with a total AC + DC load less than 4
 and are
guaranteed not set with a load of more than 9
; see Figure 14.
The interpretation of the line driver and amplifier mode DC load bit for AC load detection is
shown in Table 6.
Fig 13. Offset detection
001aam700
reset, setting
disabled
offset
threshold
time
Vo = (OUT+ - OUT-)
offset
threshold
time
read
→
set bit
1 second:
read
→ offset,
DBx[D2] set
1 second:
read
→ no offset,
DBx[D2] reset
Vo = (OUT+ - OUT-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com