Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 46Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 47Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 48Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 49Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 50Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 51Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 52Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 53Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
50 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Fig 35. Package outline SOT1154-1 (DBSMS27P)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1154-1
- - -
- - -
- - -
sot1154-1_po
10-03-15
11-10-31
Unit
mm
max
nom
min
4.65
4.50
4.35
0.10
0.00
-0.08
0.5
0.60
0.50
0.45
0.5
0.4
0.3
29.2
29.0
28.8
12
15.9
15.7
15.5
1
5.03
4.83
4.63
1.20
1.00
0.80
A
Dimensions
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
DBSMS27P: plastic dual bent surface mounted SIL power package; 27 leads
SOT1154-1
A1
A2
4.65
4.50
4.35
A3
bp
cD(1)
1.43
1.25
1.07
1.43
1.25
1.07
2.10
1.95
1.80
Lp1
Lp2
Q
d
25.8
25.6
25.4
Dh
E(1)
e
2
e1
Eh
R1
R2
8
0.35
0.25
0.15
0.35
0.25
0.15
j
3.55
3.40
3.25
L1
3.03
2.83
2.63
L2
L3
3.20
3.00
2.80
L4
0.25
0.03
1.8
1.5
1.2
9°
6°
3°
10°
7°
4°
Z(1)
θ1
θ2
v
0.6
aaa
0.1
wx
0.1
y
0
10
20 mm
scale
v
X
A1
A2
c
Q
L1
L2
E
y
D
27
1
Z
d
Dh
Eh
j
bp
e1
e
w
x
non-concave
Lp1
Lp2
L3
L4
gauge plane seating plane
A3
S
θ1
θ2
S
aaa
detail X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com