Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 7Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 8Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 9Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 10Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 12Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 13Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
11 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
switched off. If several channels have a short across the load at the same time, the
channels are switched on one by one to prevent high supply current switching with four
shorts across the load at the same time. The 15 ms cycle reduces power dissipation. To
prevent audible distortion, the channel with the short can be disabled via the I2C-bus.
7.4.2 Loss-of-ground/loss of VP
Loss-of-ground/loss of VP is a double fault condition: the ground (or VP) wire of the set is
not connected and the ground (or VP) wire is connected to one of the loudspeaker
outputs. In this situation the supply capacitor in the set is charged through the body diode
of the output power transistor. This body diode (between the drain and source of the
power transistor) is always present in amplifiers with MOS output stages. The capacitor
charge current depends on the series impedance of the supply lines, the output
impedance of the loss-of-ground tester and the value of the capacitor; see Figure 7. To
simulate a worst-case condition, the loss-of-ground tester is equipped with a buffer
capacitor of 116 mF to simulate a very low output impedance. With a RS of 63 m, peak
currents of more than 70 A have been measured.
(1) Capacitor can be 2200
F to 10000 F.
(2) Amplifier output stage.
Fig 7.
Test circuit for loss-of-ground test
Cbuffer
116 mF
NMOS
80N03L
VP
RS
2200 μF
Vpulse
(1)
(2)
5
7
9
17
19
21
23
3
001aam695
Loss-of-ground tester
DUT in application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com