Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 30Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 31Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 32Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 33Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 34Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 35Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 36Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 37Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
34 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Start-up/shut-down/mute timing
twake
wake-up time
time after wake-up via pin STB
before first I2C-bus transmission
is recognized; see Figure 4
-
300
500
s
ILO(SVR)
output leakage current on
pin SVR
--
5
A
td(mute_off)
mute off delay time
time from amplifier start to 10 %
of output signal; ILO = 0 A
[2]
I2C-bus mode;
with ILO =5 A  +15 ms;
no DC-load (IB1[D1] = 0); see
Figure 4
-
430
650
ms
legacy mode;
with ILO =5 A  +20 ms;
VSTB =7V; RADSEL =0 ;
see Figure 5
-
430
650
ms
tamp_on
amplifier on time
time from amplifier start to
amplifier on; 90 % of output
signal; ILO = 0 A
[2]
I2C-bus mode;
with ILO =5 A  +30 ms;
no DC-load (IB1[D1] = 0); see
Figure 4
-
550
800
ms
legacy mode;
with ILO =5 A  +20 ms;
VSTB =7V; RADSEL =0 ;
see Figure 5
-
550
800
ms
toff
amplifier switch-off time
time to DC output voltage < 0.1 V;
ILO =0 A
[2]
I2C-bus mode; with
ILO =5 A  +0 ms;
see Figure 4
250
500
750
ms
via pin STB; (IB4[D6] = 0);
with ILO =5 A  +0 ms;
see Figure 5
250
500
750
ms
td(mute-on)
delay time from mute to on
from 10 % to 90 % of output
signal; Vi =50 mV; I2C-bus mode
(IB2[D1] = 1 to 0) or legacy mode
(VSTB = 3 V to 7 V); see Figure 5
5
1540ms
td(soft_mute)
soft mute delay time
from 90 % to 10 % of output
signal; Vi =50 mV; I2C-bus mode
(IB2[D1] = 0 to 1) or legacy mode
(VSTB = 7 V to 3 V); see Figure 5
5
1540ms
td(fast_mute)
fast mute delay time
from 90 % to 10 % of output
signal; Vi =50 mV; I2C-bus mode
(IB2[D0] = 0 to 1, or VSTB from
> 5.9 V to < 0.8 V in 1
s; see
Figure 5
-0.4
1
ms
Table 20.
Characteristics …continued
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com