Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 26Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 27Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 28Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 29Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 30Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 31Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 32Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 33Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
30 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Remark: Data bits are only reset (cleared after read) after reading all 5 data bytes.
D5 and D4
channel 3 DC-load or AC-load detection
if bit IB4[D4] = 1, AC-load detection is enabled, bit D5 does not care, bit D4 has
the following meaning:
0 = no AC-load
1 = AC-load detected
if bit IB4[D4] = 0, AC-load detection is disabled, bits D5 and D4 are available for
DC-load detection:
00 = normal load
01 = line driver load
10 = open load
11 = not valid
D3
channel 3 shorted load
0 = no shorted load
1 = shorted load
D2
channel 3 output offset
0 = no output offset
1 = output offset
D1
channel 3 short to VP
0 = no short to VP
1 = short to VP
D0
channel 3 short to ground
0 = no short to ground
1 = short to ground
Table 17.
Data byte DB5
Bit
Description
D7
power supply undervoltage
0 = no undervoltage
1 = undervoltage occurred
D6
power supply overvoltage
0 = no overvoltage
1 = overvoltage has occurred
D5
system status with start-up diagnostics or amplifier start-up [1]
0 = system not busy
1 = system busy
D4
VP below/above 7.5 V
0=VP above 7.5 V
1=VP has dropped below 7.5 V
Table 16.
Data byte DB4 …continued
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com