Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 37Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 38Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 39Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 40Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 41Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 42Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 43Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 44Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
41 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
(1) fi = 1 kHz, channel 1.
(2) fi = 100 Hz, channel 1.
(3) fi = 6 kHz, channel 1.
(4) fi = 10 kHz, channel 1.
Fig 24. Total harmonic distortion as a function of output power; 2
 load
fi = 1 kHz.
(1) THD = 10 %; 2
 load.
(2) THD = 0.5 %; 2
 load.
(3) THD = 10 %; 4
 load.
(4) THD = 0.5 %; 4
 load.
Fig 25. Output power as a function of supply voltage; 2
 and 4  loads
001aan451
Po (W)
10−2
102
10
10−1
1
1
10−1
10
THD + N
(%)
10−2
(4)
(3)
(2)
(1)
0
60
Po
(W)
001aan452
Vp (V)
616
11
10
20
30
40
50
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com