Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 8Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 9Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 10Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 12Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 13Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
12 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.4.3 Speaker fault detection
There are two protection features available to prevent damage to the speaker if one side
of the speaker is connected to ground.
• A check for a speaker fault operates during start-up. This is included in the check for a
short to ground; the channel that has the speaker fault is switched off. If the short to
ground bit is set, it can mean either a short to ground or a speaker fault. At start-up it
is difficult to distinguish between a speaker fault and a short to ground. The amplifier
is protected against both, but the speaker fault bit is not always set.
• A check for a speaker fault operates continuously. If a speaker fault is detected, bit D6
in registers DB1 to DB4 are set but the amplifier is not switched off and pin DIAG is
not pulled LOW.
7.4.4 Overvoltage warning and load dump protection
If the battery voltage VP exceeds the maximum value of Vth(ovp), the device switches off
the output stages of the amplifier to protect the output transistors. The overvoltage
pre-warning bit is set when the supply voltage level exceeds the value of VP(ovp)pwarn.
The functionality of the diagnostic output can be chosen in I2C-bus mode. In this mode the
pre-warning information can become visible at the diagnostic output. In legacy mode, pin
DIAG will not be activated under pre-warning conditions.
Although the amplifier switches off the output stages, the device remains operational
during load dump conditions (maximum value of VP at load dump protection; duration
50 ms, rise time > 2.5 ms). The occurrence of the load dump situation can last for a longer
period of time without damaging the device. Provided that the I2C-bus supply is within the
levels specified, communication with the I2C-bus during load dump situations remains
possible and the status of the channel outputs can be read.
(1) Amplifier output stage.
Fig 8.
Test circuit for loss-of-VP test
Cbuffer
116 mF
VP
RS
2200 μF
PMOS
IRF5305
Vpulse
5
7
9
17
19
21
23
3
001aao146
Loss-of-VP tester
DUT in application
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com