Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 22Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 23Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 24Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 25Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 26Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 27Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 28Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 29Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
26 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
D6
soft or fast mute select during shut-down via pin STB
0 = activate fast mute during shut-down
1 = activate slow mute during shut-down
D5
16 V overvoltage warning on pin DIAG
0 = 16 V overvoltage warning on pin DIAG disabled
1 = 16 V overvoltage warning on pin DIAG enabled
D4
AC or DC load information on bits DBx[D5:D4]
0 = DC load information on bits DBx[D5:D4]
1 = AC load information on bits DBx[D5:D4]
D3
-
D2
line driver mode or low gain mode selection
0 = line driver mode; common-mode output voltage is 0.23
 V
P
1 = low gain mode; common-mode output voltage is 0.5
 V
P; only valid for channels
when gain is set to 16 dB
D1
AC load detection measurement current selection
0 = AC load detection; low measurement current
1 = AC load detection; high measurement current
D0
low VP mute undervoltage level setting
0 = low VP mute undervoltage level set to 5.5 V
1 = low VP mute undervoltage level set to 7.2 V
Table 12.
Instruction byte IB4 …continued
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com