Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541TH/N2 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDF8541TH/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541TH/N2 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDF8541TH/N2 Datasheet HTML 32Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 33Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 34Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 35Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 36Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 37Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 38Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 39Page - NXP Semiconductors TDF8541TH/N2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
36 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Diagnostic
VOL(DIAG)
LOW-level output voltage
on pin DIAG
fault condition; IDIAG = 1 mA
-
-
0.3
V
VO(offset_det)
output voltage at offset
detection
1.0
1.3
2.0
V
THDclip
total harmonic distortion
clip detection level
IB2[D7:D6] = 10; VP > 10 V
-
10
-
%
IB2[D7:D6] = 01; VP > 10 V
-
5
-
%
IB2[D7:D6] = 00; VP > 10 V
-
2
-
%
Tj(AV)(pwarn)
pre-warning average
junction temperature
IB3[D4] = 0 or legacy mode
150
160
170
C
IB3[D4] = 1
125
135
145
C
Tj(AV)(G(0.5dB)
average junction
temperature for 0.5 dB gain
reduction
Vi = 0.05 V
-
175
-
C
G
(th_fold)
gain reduction of thermal
foldback
all channels will switch off
-
20
-
dB
Io
output current
I2C-bus mode; IB4[D4] = 1; peak
current
IB4[D1] = 1
500
-
-
mA
IB4[D1] = 0
275
-
-
mA
I2C-bus mode; IB4[D4] = 0; peak
current
IB4[D1] = 1
-
-
250
mA
IB4[D1] = 0
-
-
110
mA
Amplifier
Po
output power
RL =4 ; VP = 14.4 V;
THD = 0.5 %
18
20
-
W
RL =4 ; VP = 14.4 V;
THD = 10 %
23
25
-
W
RL =2 ; VP = 14.4 V;
THD = 0.5 %
29
32
-
W
RL =2 ; VP = 14.4 V;
THD = 10 %
40
44
-
W
Po(max)
maximum output power
RL =4 ; VP = 14.4 V;
Vi = 2 V RMS square wave
37
40
-
W
RL =4 ; VP = 15.2 V;
Vi = 2 V RMS square wave
41
45
-
W
RL =2 ; VP = 14.4 V;
Vi = 2 V RMS square wave
58
64
-
W
Table 20.
Characteristics …continued
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com