Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 10Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 12Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 13Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 16Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 17Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
14 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.5.1 Start-up diagnostics with DC load detection
If the start-up diagnostics are enabled, the load condition of all four channels is
determined. At the end of the start-up diagnostics cycle, not only the load condition is
known (shorted load, normal load or open load), but also if a separate amplifier is
connected or if the outputs are shorted to battery or ground. If a separate amplifier
(booster) is detected, the amplifier can start-up in line driver mode (low gain setting).
The load diagnostic is insensitive to door-slam (slowly moving speaker due to slamming of
the car door) and to external interference such as crosstalk of relays switching in the
wiring harness; see Figure 10.
Table 4.
Diagnostic information on pins DIAG and STB
Diagnostic
information
I2C-bus mode
Legacy mode
DIAG pin
STB pin
DIAG pin
Power-On Reset
(POR)
after POR, pin DIAG
remains LOW until
amplifier starts (inverse
of start-up bit)
no
no
Low battery
yes
no
yes
Clip detection
can be enabled per
channel; can be
enabled by IB1[D7] if
below VP =10V;
default is ‘blocked’
can be enabled per
channel; can be
enabled by IB1[D7] if
below VP =10 V;
default is ‘blocked’
yes; fixed level for all
channels at 2 %;
blocked for VP < 10 V
Temperature pre-
warning
can be enabled;
default: Tj(AV)(pwarn) =
160 C
no
yes, pre-warning level
is
Tj(AV)(pwarn) =
160 C
Short
can be enabled; default
is enabled
no
yes
Speaker fault detection no
no
no
Offset detection
no
no
no
Load detection
no
no
no
Overvoltage protection
(20 V)
yes
no
yes
Overvoltage
pre-warning (16 V)
can be enabled; default
is disabled
no
no
Maximum temperature
protection (active)
yes
no
yes
Start-up diagnostics
indication
no
no
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com