Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 28Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 29Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 30Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 31Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 32Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 33Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 35Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
32 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
[1]
10 k
 series resistance if connected to V
P.
[2]
Human Body Model (HBM): all pins have passed all tests to 2500 V to guarantee 2000 V, according to
class II.
[3]
Charged-Device Model (CDM).
10. Thermal characteristics
11. Characteristics
Vx
voltage on pin x
SCL and SDA
0
6.5
V
SVR, ACGND and
DIAG
010
V
STB
[1] 024
V
Ptot
total power dissipation
Tcase =70 C-
80
W
VESD
electrostatic discharge
voltage
HBM; C = 100 pF;
Rs =1.5 k
[2] -
2000
V
CDM
[3]
corner pins
-
750
V
non-corner pins; except
pin 24 (SVR) version
TH only
-500
V
pin 24 (SVR) version
TH only
-400
V
Table 18.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 19.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
DBS27/RDBS27/DBSMS27P
Rth(j-c)
thermal resistance from junction to case
1.15
K/W
Rth(j-a)
thermal resistance from junction to ambient
40
K/W
HSOP36
Rth(j-c)
thermal resistance from junction to case
1.15
K/W
Rth(j-a)
thermal resistance from junction to ambient
35
K/W
Table 20.
Characteristics
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage behavior
VP(oper)
operating supply voltage
RL = 4 
614.4
18
V
RL = 2 
614.4
16
V
Iq
quiescent current
no load
-
260
350
mA
no load; VP = 7 V
-
190
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com