Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 19Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 20Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 21Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 22Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 23Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 24Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 25Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 26Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
23 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
8.1 I2C-bus instruction bytes
I2C-bus mode:
• If R/W bit = 0, the TDF8541 expects four instruction bytes; IB1, IB2, IB3, IB4
• After a power-on reset, all instruction bits are set to zero
Legacy mode:
Fig 17. Bit transfer
001aam704
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig 18. I2C-bus read and write modes
001aam705
ACK
MSB
MSB
− 1
MSB
MSB
− 1
LSB + 1
LSB
LSB + 1
12
78912
789
12
78912
789
: generated by master (microcontroller)
to stop the transfer, after the last acknowledge (A)
a stop condition (P) must be generated
to stop the transfer, the last byte must not be acknowledged
and a stop condition (P) must be generated
: generated by slave
: start
: stop
: acknowledge
: read / write
S
P
A
R/W
SCL
SDA
SCL
SDA
ACK
ACK
MSB
MSB
− 1
MSB
MSB
− 1
LSB + 1
LSB
LSB + 1
ACK
SA
A
AP
AP
ADDRESS
WRITE DATA
READ DATA
W
S
ADDRESS
R
I2C-bus WRITE
I2C-bus READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com