Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 44Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 45Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 46Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 47Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 48Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 49Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 50Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 51Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
48 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Fig 33. Package outline SOT878-1 (RDBS27P)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT878-1
SOT878-1
05-01-11
05-01-26
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included
DIMENSIONS (mm are the original dimensions)
bp
D
d
Dh
A2
L
c
L1
Q
Z
Eh
E
j
x
e2
A
e1
e
v M
w M
0
10
20 mm
scale
UNIT
A
mm
13.5
4.65
4.35
0.60
0.45
25.8
25.4
12
3.4
3.1
3.75
3.15
3.75
3.15
2.1
1.8
1.8
1.2
A2
bp
d
0.5
0.3
c
29.2
28.8
D(1)
e
E(1)
2.54
1
2
Eh
e1
e2
15.9
15.5
Dh
j
L
8
L1
v
0.6
w
0.25
x
0.03
Q
Z(1)
RDBS27P: plastic rectangular-DIL-bent-SIL (reverse bent) power package; 27 leads (row spacing 2.54 mm)
view B: mounting base side
non-concave
B
27
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com