Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 21Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 22Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 23Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 24Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 25Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 26Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 27Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 28Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
25 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
D2
soft mute channel 1 and channel 3
0 = soft mute disabled
1 = soft mute enabled (mute delay 15 ms)
D1
soft mute channel 2 and channel 4
0 = soft mute disabled
1 = soft mute enabled (mute delay 15 ms)
D0
fast mute all amplifier channels
0 = fast mute disabled
1 = fast mute enabled
Table 11.
Instruction byte IB3
Bit
Description
D7
-
D6
amplifier channel 1 and channel 3 gain select
0 = 26 dB
1 = 16 dB
D5
amplifier channel 2 and channel 4 gain select
0 = 26 dB
1 = 16 dB
D4
temperature pre-warning level
0 = warning level at Tj(AV)(pwarn) = 160 C
1 = warning level at Tj(AV)(pwarn) = 135 C
D3
enable or disable channel 3
0 = channel 3 enabled
1 = channel 3 disabled
D2
enable or disable channel 1
0 = channel 1 enabled
1 = channel 1 disabled
D1
enable or disable channel 4
0 = channel 4 enabled
1 = channel 4 disabled
D0
enable or disable channel 2
0 = channel 2 enabled
1 = channel 2 disabled
Table 12.
Instruction byte IB4
Bit
Description
D7
common-mode voltage filtered by SVR capacitor
0 = filter common-mode voltage
1 = DC-to-DC converter connected (SVR capacitor not used to filter common-mode
voltage)
Table 10.
Instruction byte IB2 …continued
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com