Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 13Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 16Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 17Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 18Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 19Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 20Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
17 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
[1]
DBx[D3] indicates a shorted load; DBx[D1] indicates a short to VP; DBx[D0] indicates a short to ground.
When set, D4, D5 have no meaning.
If during the start-up diagnostics an engine start occurs, the generated offset to measure
the DC load is reduced and the start-up diagnostics cannot be performed correctly. In this
case the invalid combination DBx[D4:D5] = 11 is set.
The start-up diagnostics information in the I2C-bus bits is combined with the AC load
detection allowing the start-up diagnostics information to be read when IB4[D4] = 0. If
IB4[D4] = 1, the stored start-up diagnostics information bits cannot be read but they will
not lose their value.
Remark: the shorted load, and short to VP or ground information from the start-up
diagnostics is cleared after an I2C-bus read. This indicates the real situation: when the
short is removed, the bits are cleared. The DBx[D5] and DBx[D4] information, generated
at start-up, is refreshed after a new start-up diagnostics cycle.
7.5.2 DC offset detection
The offset detection can be performed with no input signal (for instance when the DSP is
muted after a start-up) or with an input signal. If in I2C-bus mode an I2C-bus read of the
output offset is performed, the I2C-bus DBx[D2] latches are set. If the amplifier BTL output
voltage is within a window with a threshold of 1.3 V (typical), the DBx[D2] latches are reset
and their setting is disabled. If for example, after 1 s another I2C-bus read is performed
and the offset bits are still set, the output did not cross the offset threshold during the last
1 second; see Figure 13. This can mean either a frequency below 1 Hz was applied (1 s
I2C-bus read interval) or an output offset of more than 1.3 V is present.
Table 5.
Start-up diagnostics I2C-bus bits
DC load bits[1]
Meaning
DBx[D5]
DBx[D4]
0
0
normal load
0
1
line driver mode
1
0
open load
1
1
invalid: overvoltage or
undervoltage (VP <10V) has
occurred, or start-up
diagnostics not completed, or
channel has short to VP;
indicated in second stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com