Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 33Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 35Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 36Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 37Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 38Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 39Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 40Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
37 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
THD
total harmonic distortion
Po = 1 W to 12 W; fi = 1 kHz;
RL =4 
-
0.01
0.1
%
Po = 1 W to 12 W; fi =10kHz
-
0.2
0.4
%
line driver mode; Vo =1 V RMS
and 4 V RMS
-
0.02
0.05
%
low gain mode; Po =1W to 12 W;
fi = 1 kHz; RL =4 
-
0.01
0.1
%
cs
channel separation
RS =1k; RACGND =250 
[4]
fi =1kHz
65
80
-
dB
fi =10kHz
55
65
-
dB
SVRR
supply voltage ripple
rejection
100 Hz to 10 kHz; RS =1k;
RACGND =250 ; tested at VP =
10.5 V
[4] 55
70
-
dB
CMRR
common mode rejection
ratio
amplifier mode; Vcm = 0.3 V (p-p);
fi = 1 kHz to 3 kHz; RS = 1 k;
RACGND =250 
[4]
common mode input to
differential output (VO(dif) /
VI(cm) + 26 dB)
55
65
-
dB
common mode input to
common mode output
(VO(cm) /VI(cm) + 26 dB)
50
58
-
dB
V
O
output voltage variation
plop during switch-on and
switch-off
[5]
from off to mute and mute to off
-
-
7.5
mV
from mute to on and on to mute
(soft mute)
--
7.5
mV
from off to on and on to off
(start-up diagnostic enabled)
--
7.5
mV
Vn(o)
output noise voltage
filter 20 Hz to 22 kHz (6th order);
RS =1k
mute mode
-
15
23
V
line driver mode
-
25
33
V
line driver mode; RS =50 
-25
33
V
amplifier mode
-
43
65
V
amplifier mode; RS =50 
-40
60
V
Gv(amp)
voltage gain amplifier
mode
single-ended in to differential out
25.5
26
26.5
dB
Gv(ld)
voltage gain line driver
mode
single-ended in to differential out
15.5
16
16.5
dB
Zi
input impedance
Tamb = 40 C to +105 C
38
6299k
Tamb = 0 C to 105 C
55
6299k
mute
mute attenuation
Vo /Vo(mute); Vi =50mV
80
92
-
dB
Table 20.
Characteristics …continued
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com