Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 46Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 47Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 48Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 49Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 50Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 51Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 52Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 53Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
51 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
16. Abbreviations
17. Revision history
Table 21.
Abbreviations
Acronym
Description
BCDMOS
Bipolar Complementary Double-diffused Metal-Oxide Semiconductor
BTL
Bridge Tied Load
CMOS
Complementary Metal-Oxide Semiconductor
DMOS
Diffusion Metal Oxide Semiconductor
DSP
Digital Signal Processor
EMC
ElectroMagnetic Compatibility
ESR
Equivalent Series Resistance
NMOS
Negative Metal Oxide Semiconductor
PMOS
Positive Metal Oxide Semiconductor
POR
Power-On Reset
SOAR
Safe Operating ARea
SOI
Silicon On Insulator
Table 22.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
TDF8541 v.3
20111213
Product data sheet
-
TDF8541 v.2
Modifications:
• Suitability for use in automotive applications legal statement added to Section 18.3
“Disclaimers”
TDF8541 v.2
20111117
Product data sheet
-
TDF8541 v.1
Modifications:
• Added type number TDF8541JS/N2 in package DBSMS27P
• Section 7.1: changed text in 5th paragraph
• Section 13.1: removed application PCB views
TDF8541 v.1
20110829
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com