Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 27Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 28Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 29Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 30Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 31Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 32Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 33Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
31 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
[1]
Bits DB5[D0] and [D5] are not latched/cleared after being read. They indicate the actual value.
Remark: Data bits are only reset (cleared after read) after reading all 5 data bytes.
9.
Limiting values
D3
VP below above 10 V
0=VP above 10 V
1=VP has dropped below 10 V
D2
undervoltage protection
0 = no undervoltage protection occurred
1 = undervoltage protection occurred (engine start)
D1
-
D0
amplifier and output stage status [1]
0 = amplifier switched off, output stage high impedance
1 = amplifier switched on, output stage active
Table 17.
Data byte DB5 …continued
Bit
Description
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VP
supply voltage
operating
6
18
V
non-operating
1+50
V
load dump protection;
duration 50 ms, rise
time > 2.5 ms
-50
V
VP(r)
reverse supply voltage
10 minutes maximum
-
2V
IOSM
non-repetitive peak
output current
-13
A
IORM
repetitive peak output
current
-8
A
Tj(max)
maximum junction
temperature
-150
C
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
heatsink of sufficient size
to ensure Tj does not
exceed 150
C
40
+105
C
V(prot)
protection voltage
AC and DC short-circuit
voltage of output pins and
across the load
-VP
V
Vi(max)
maximum input voltage
RMS value; before
capacitor; RS = 100 
-5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com