Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 5Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 6Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 7Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 8Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 9Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 10Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 12Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
9 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.2 Engine start and low voltage operation
The voltage on pin SVR acts as a reference voltage for the input bias (set to 0.23
 battery
voltage + 2
 diode voltage V
be) and as a reference for generating the filtered half supply
voltage at the amplifier output. The capacitor connected to pin SVR improves supply
voltage ripple rejection and channel separation between the four channels.
The DC output voltage relates to the SVR voltage to prevent common mode ripple on the
speaker lines. If the supply voltage drops during an engine start, the output follows slowly
due to the SVR capacitor. To enable sufficient headroom for the output signal below a
battery voltage of 10 V, the DC-output voltage directly follows the half supply voltage. This
ensures that at low supply voltage the undistorted output power is maximized. If the
battery voltage is above 10 V, the DC-output voltage relates to the SVR voltage and is
filtered again for supply ripple; see Figure 6.
The DC input voltage follows the supply voltage slowly, due to the SVR capacitor, to
prevent audible plops, even during engine start.
If the battery voltage drops below 6 V, the low VP mute is activated. During low VP mute,
the amplifier is fast muted (about 400
s). When mute is completed, the capacitors on pin
ACGND and pin SVR are discharged to prevent audible plops.
If the battery rises again above the low VP mute threshold (6 V), and a Power-On Reset
(POR) (DB2[D7] = 1) is not detected, the amplifier starts automatically. The amplifier
restart only occurs if the SVR capacitor has been discharged to 0.7 V to prevent a start-up
plop. If the battery voltage has dropped too much that the internal registers lose their
Fig 5.
Start-up and shut-down in legacy mode
soft
mute
fast
mute
toff
td(fast-mute)
td(mute-on)
td(mute-off)
tamp-on
td(soft-mute)
VP
DIAG
STB
on
mute
standby
SVR
amplifier
output
POR
001aam686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com