Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541JS/N2 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TDF8541JS/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N2 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TDF8541JS/N2 Datasheet HTML 43Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 44Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 45Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 46Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 47Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 48Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 49Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 50Page - NXP Semiconductors TDF8541JS/N2 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
47 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
15. Package outline
Fig 32. Package outline SOT827-1 (DBS27P)
UNIT
A
D(1)
E(1)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
19
A2
4.65
4.35
bp
0.60
0.45
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT827-1
- - -
- - -
- - -
0
10
20 mm
scale
L
E
A
c
A2
m
L3
L4
L2
Q
w M
bp
d
Z
e1
e2
e
1
27
DBS27P: plastic DIL-bent-SIL (special bent) power package; 27 leads (lead length 6.8 mm)
SOT827-1
v M
D
x
h
Eh
non-concave
view B: mounting base side
B
D
c
Z(1)
de
e1
e2
L3
Dh
Eh
Lm
0.5
0.3
29.2
28.8
25.8
25.4
12
2
15.9
15.5
14
1.15
0.85
L2
3.9
3.1
L4
22.9
22.1
8
1.8
1.2
2.1
1.8
3.4
3.1
4
6.8
Q
j
0.25
w
0.6
v
0.03
x
j
03-07-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com