Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 5 Page - Cirrus Logic

  CS5331A Datasheet HTML 1Page - Cirrus Logic CS5331A Datasheet HTML 2Page - Cirrus Logic CS5331A Datasheet HTML 3Page - Cirrus Logic CS5331A Datasheet HTML 4Page - Cirrus Logic CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS138F5
5
CS5330A/31A
ANALOG INPUT CHARACTERISTICS
(-1 dBFS Input Sinewave, 997 Hz; Measurement Bandwidth is 10 Hz to 20 kHz unless otherwise specified; Logic
0 = 0V, Logic 1 = VD+)
4.
Referenced to typical full-scale input voltage.
5.
Internal highpass filter removes offset.
Parameter
Symbol
5330A/31A-KS/KSZ
Min
Typ
Max
5331A-DSZ
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
A-weighted
unweighted
88
86
94
92
-
-
86
84
94
92
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-84
-72
-32
75
66
26
-
-
-
-84
-72
-32
75
66
26
dB
dB
dB
Total Harmonic Distortion
-1 dB
THD
-
0.003
0.02
-
0.003
0.2
%
Interchannel Phase Deviation
-0
-
-
0
-
Degree
Interchannel Isolation
(dc to 20 kHz)
-
90-
-
90-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Error
--
±10
-
-
±10
%
Gain Drift
-
150
-
-
150
-
ppm/°C
Offset Error
(Note 5)
--
0
-
-
0
LSB
Analog Input
Full-scale Input Voltage
VIN
3.6
4.0
4.4
3.6
4.0
4.4
Vpp
Input Impedance
(Fs = 48 kHz)
ZIN
-
100
-
-
100
-
k
Input Bias Voltage
2.2
2.4
2.6
2.2
2.4
2.6
V
Power Supplies
Power Supply Current
VA+
Power down
IA+
-
-
30
100
42
1000
-
-
30
100
42
1000
mA
µA
Power Dissipation
Normal
Power down
-
-
150
0.5
220
5.25
-
-
150
0.5
220
5.25
mW
mW
Power Supply Rejection Ratio
PSRR
-
50
-
-
50
-
dB
* Refer to Parameter Definitions at the end of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com