Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic CS5331A Datasheet HTML 12Page - Cirrus Logic CS5331A Datasheet HTML 13Page - Cirrus Logic CS5331A Datasheet HTML 14Page - Cirrus Logic CS5331A Datasheet HTML 15Page - Cirrus Logic CS5331A Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
DS138F5
CS5330A/31A
The CS5330A and CS5331A have a Power-Down mode wherein typical consumption drops to 0.5 mW.
This is initiated when a loss of clock is detected on either the LRCK or MCLK pins in Slave Mode, or the
MCLK pin in Master Mode. The initialization sequence will begin when MCLK, and LRCK for slave mode,
are restored. In slave mode power-down, the CS5330A and CS5331A will adapt to changes in
MCLK/LRCK frequency ratio during the initialization sequence. It is recommended that clocks not be ap-
plied to the device prior to power supply settling. A reset circuit may be implemented by gating the MCLK
signal.
3.1.10
Grounding and Power Supply Decoupling
As with any high resolution converter, the ADC requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. Figure 1 shows the recommended power ar-
rangements with VA+ connected to a clean +5V supply. Decoupling capacitors should be as near to the
ADC as possible, with the low value ceramic capacitor being the nearest. To minimize digital noise, con-
nect the ADC digital outputs only to CMOS inputs. The printed circuit board layout should have separate
analog and digital regions and ground planes. An evaluation board, CDB5330A or CDB5331A, is avail-
able which demonstrates the optimum layout and power supply arrangements, as well as allowing fast
evaluation of the CS5330A and CS5331A.
USER: Apply Power
Initia
l Power
-Down
USER: Apply
MCLK
MasterM ode
Sl
ave M ode
Master
/Sl
ave
Deci
si
on
MasterMode
Power
Down
MCLK/LRCK Rati
o
i
s256xo
nly
USER: Re
move
MCLK
Initia
l
i
zati
on
-Hi
gh p
assfi
l
tersettin
gs
- S
DATA mute rele
ased
Di
gita
lOutput
i
sgener
at
ed
Sl
ave M ode
Power
Down
MCLK/LRCK Rati
o
Deter
m inati
on
256
/384
/512
Initia
l
i
zati
on
-Hi
gh p
assfi
l
tersettin
g
- S
DATA mute rele
ased
Di
gita
lOutput
i
sGener
at
ed
USER: Re
move
MCLK,LRCK or
Both
USER: Apply
MCLK
and LRCK
Figure 4. CS5330A/31A Initialization and Power-Down Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com