Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 3Page - Cirrus Logic CS5331A Datasheet HTML 4Page - Cirrus Logic CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS138F5
7
CS5330A/31A
SWITCHING CHARACTERISTICS
(Inputs: Logic 0 = 0V, Logic 1 = VA+; CL = 20 pF) Switching characteristics are guaranteed by characterization.
9.
10.
11.
Parameter
Symbol
Min
Typ
Max
Unit
Output Sample Rate
Fs
2
-
50
kHz
MCLK Period
MCLK/LRCK = 256
tclkw
78
-
1000
ns
MCLK Low
MCLK/LRCK = 256
tclkl
31
-
1000
ns
MCLK High
MCLK/LRCK = 256
tclkh
31
-
1000
ns
MCLK Period
MCLK/LRCK = 384
tclkw
52
-
1000
ns
MCLK Low
MCLK/LRCK = 384
tclkl
20
-
1000
ns
MCLK High
MCLK/LRCK = 384
tclkh
20
-
1000
ns
MCLK Period
MCLK/LRCK = 512
tclkw
39
-
1000
ns
MCLK Low
MCLK/LRCK = 512
tclkl
13
-
1000
ns
MCLK High
MCLK/LRCK = 512
tclkh
13
-
1000
ns
MASTER MODE
SCLK falling to LRCK
tmslr
-10
-
10
ns
SCLK falling to SDATA valid
tsdo
-10
-
35
ns
SCLK Duty cycle
-50
-
%
SLAVE MODE
LRCK duty cycle
25
50
75
%
SCLK Period
tclkw
(Note 9)
--
ns
SCLK Pulse Width Low
tclkl
(Note 10)
--
ns
SCLK Pulse Width High
tclkh
20
-
-
ns
SCLK falling to SDATA valid
tdss
-
-
(Note 11)
ns
LRCK edge to MSB valid
tlrdss
-
-
(Note 11)
ns
SCLK rising to LRCK edge delay
tslr1
20
-
-
ns
LRCK edge to rising SCLK setup time
tslr2
(Note 11)
--
ns
1
64 Fs
1
128 Fs
- 15 ns
1
256 Fs
+ 5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com