Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic CS5331A Datasheet HTML 12Page - Cirrus Logic CS5331A Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS138F5
9
CS5330A/31A
3. GENERAL DESCRIPTION
The CS5330A and CS5331A are 18-bit, 2-channel Analog-to-Digital Converters designed for digital audio applica-
tions. Each device uses two one-bit delta-sigma modulators which simultane-ously sample the analog input signals
at 128 times the output sample rate (Fs). The resulting serial bit streams are digitally filtered, yielding pairs of 18-bit
values. This technique yields nearly ideal conversion performance independent of input frequency and amplitude.
The converters do not require difficult-to-design or expensive anti-alias filters and do not require external sample-
and-hold amplifiers or a voltage reference.
The CS5330A and CS5331A differ only in the output serial data format. These formats are dis-cussed in the follow-
ing sections and shown in Figures 2 and 3.
An on-chip voltage reference provides for a single-ended input signal range of 4.0 Vpp. Output data is available in
serial form, coded as 2’s complement 18-bit numbers. Typical power con-sumption is 150 mW which can be further
reduced to 0.5 mW using the Power-Down mode.
For more information on delta-sigma modulation, see the references at the end of this data sheet.
3.1
System Design
Very few external components are required to support the ADC. Normal power supply decou-pling compo-
nents and a resistor and capacitor on each input for anti-aliasing are all that’s required, as shown in Figure 1.
3.1.1
Master Clock
The master clock (MCLK) runs the digital filter and is used to generate the delta-sigma modula-tor sam-
pling clock. Table 1 shows some common master clock frequencies. The output sample rate is equal to
the frequency of the Left / Right Clock (LRCK). The serial nature of the output data results in the left and
right data words being read at different times. However, the words within an LRCK cycle represent simul-
taneously sampled analog inputs. The serial clock (SCLK) shifts the digitized audio data from the internal
data registers via the SDATA pin.
3.1.2
Serial Data Interface
The CS5330A and CS5331A can be operated in either Master mode, where SCLK and LRCK are outputs,
or SLAVE mode, where SCLK and LRCK are inputs.
3.1.3
Master Mode
In Master mode, SCLK and LRCK are outputs which are internally derived from MCLK. The CS5330A/31A
will divide MCLK by 4 to generate a SCLK which is 64
× Fs and by 256 to generate LRCK. The CS5330A
and CS5331A can be placed in the Master mode with a 47 kohm pull-down resistor on the SDATA pin as
shown in Figure 1.
LRCK
(kHz)
MCLK (MHz)
256x
384x
512x
32
8.1920
12.2880
16.3840
44
11.2896
16.9344
22.5792
48
12.2880
18.4320
24.5760
Table 1. Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com