Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic CS5331A Datasheet HTML 12Page - Cirrus Logic CS5331A Datasheet HTML 13Page - Cirrus Logic CS5331A Datasheet HTML 14Page - Cirrus Logic CS5331A Datasheet HTML 15Page - Cirrus Logic CS5331A Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DS138F5
15
CS5330A/31A
5. REFERENCES
1.
Area Efficient Decimation Filter for an 18-Bit Delta- Sigma ADC, by K. Lin and J.J. Paulos. Paper presented
at the 98th Convention of the Audio Engineering Society, February 1995.
2.
An 18-Bit, 8-Pin Stereo Digital-to-Analog Converter, by J.J. Paulos, A.W. Krone, G.D. Kamath and S.T. Du-
puie. Paper presented at the 97th Convention of the Audio Engineering Society, November 1994.
3.
An 18-Bit Dual-Channel Oversampling Delta-Sigma A/D Converter, with 19-Bit Mono Application Example,
by Clif Sanchez. Paper presented at the 87th Convention of the Audio Engineering Society, October 1989.
4.
The Effects of Sampling Clock Jitter on Nyquist Sampling Analog-to-Digital Converters, and on Oversam-
pling Delta Sigma ADC’s, by Steven Harris. Paper presented at the 87th Convention of the Audio Engineer-
ing Society, October 1989.
5.
A Stereo 16-bit Delta-Sigma A/D Converter for Digital Audio, by D.R. Welland, B.P. Del Signore, E.J. Swan-
son, T. Tanaka, K. Hamashita, S. Hara, K. Takasuka. Paper presented at the 85th Convention of the Audio
Engineering Society, November 1988.
6. PACKAGE DESCRIPTIONS
Millimeters
Inches
DIM
MIN
MAX
MIN
MAX
A
5.15
5.35
0.203
0.210
B
1.27
TYP
0.050
TYP
C
0
0.25
0
0.010
D
1.77
1.88
0.070
0.074
E
0.33
0.51
0.013
0.020
F
.15
0.25
0.006
0.010
G
0°8°0°8°
H
5.18
5.4
0.204
0.213
I
0.48
0.76
0.019
0.030
J
7.67
8.1
0.302
0.319
Note: The EIAJ Package is not a standard JEDEC package size.
8-Pin
SOIC
F
G
J
I
H
B
A
E
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com