Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 1 Page - Cirrus Logic

  CS5331A Datasheet HTML 1Page - Cirrus Logic CS5331A Datasheet HTML 2Page - Cirrus Logic CS5331A Datasheet HTML 3Page - Cirrus Logic CS5331A Datasheet HTML 4Page - Cirrus Logic CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
8-Pin, Stereo A/D Converter for Digital Audio
Features
Single +5 V Power Supply
18-Bit Resolution
94 dB Dynamic Range
Linear Phase Digital Anti-Alias Filtering
0.05dB Passband Ripple
80dB Stopband Rejection
Low Power Dissipation: 150 mW
Power-Down Mode for Portable
Applications
Complete CMOS Stereo A/D System
Delta-Sigma A/D Converters
Digital Anti-Alias Filtering
S/H Circuitry and Voltage Reference
Adjustable System Sampling Rates including
32kHz, 44.1 kHz & 48kHz
General Description
The CS5330A/31A is a complete stereo analog-to-digi-
tal converter that performs anti-alias filtering, sampling
and analog-to-digital conversion generating 18-bit val-
ues for both left and right inputs in serial form. The
output sample rate can be infinitely adjusted between
2 kHz and 50 kHz.
The CS5330A/31A operates from a single +5 V supply
and requires only 150 mW for normal operation, making
it ideal for battery-powered applications.
The ADC uses delta-sigma modulation with 128X over-
sampling, followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The linear-phase digital filter has a passband to
21.7 kHz, 0.05 dB passband ripple and >80 dB stop-
band rejection. The device also contains a high-pass fil-
ter to remove DC offsets.
The device is available in an 8-pin SOIC package in
both Commerical (-10° to +70° C) and Automotive grades
(- 40° to +85° C)
. Please refer to “Ordering Information”
on page 16 for complete details.
High
Pass
Filter
AINR
S/H
AGND
AINL
S/H
DAC
Serial Output Interface
Voltage Reference
Comparator
Comparator
LP Filter
LP Filter
VA+
SCLK
Digital Decimation
Filter
SDATA
MCLK
DAC
High
Pass
Filter
LRCK
8
5
6
42
3
1
7
Digital Decimation
Filter
APRIL '06
DS138F5
CS5330A/31A


Similar Part No. - CS5331A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5331A CIRRUS-CS5331A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5331A-BS CIRRUS-CS5331A-BS Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5331A-KS CIRRUS-CS5331A-KS Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
More results

Similar Description - CS5331A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
8 Pin Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com