Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 4Page - Cirrus Logic CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic CS5331A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
DS138F5
CS5330A/31A
SCLK output
SDATA
t sdo
LRCK output
t mslr
SCLK to SDATA LRCK - MASTER mode (CS5330A)
SCLK output
tmslr
SDATA
tsdo
LRCK output
SCLK to SDATA LRCK - MASTER mode (CS5331A)
SDATA
SCLK input
(SLAVE mode)
(SLAVE mode)
LRCK input
sclkh
t
dss
t
MSB
MSB-1
sclkl
t
slr1
t
slr2
t
t
sclkw
SCLK to LRCK & SDATA - SLAVE mode (CS5331A)
SDATA
SCLK input
(SLAVE mode)
(SLAVE mode)
LRCK input
sclkh
t
dss
t
MSB
MSB-1
MSB-2
lrdss
t
sclkl
t
slr1
t
slr2
t
t
sclkw
SCLK to LRCK & SDATA - SLAVE mode (CS5330A)
Analog
Input
Circuits
10
µF
VA+
AGND
+5V
Analog
AINL
AINR
+
0.1
µF
CS5330A
CS5331A
LRCK
MCLK
SCLK
150
Ω
SDATA
47 k
Ω
*
*
**
8
5
7
4
2
3
1
6
.01
µF
150
Ω
**
.01
µF
1 k
Ω
1 k
Ω
1 k
Ω
1 k
Ω
**
.47
µF
.47
µF
Required for Master mode only
Optional if analog input circuits biased
to within ± 5% of CS5330A/CS5331A
nominal input bias voltage
Audio Data
Processor
Timing
Logic
&
Clock
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com