Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 2Page - Cirrus Logic CS5331A Datasheet HTML 3Page - Cirrus Logic CS5331A Datasheet HTML 4Page - Cirrus Logic CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
DS138F5
CS5330A/31A
DIGITAL CHARACTERISTICS
DIGITAL FILTER CHARACTERISTICS
(FS = 48 kHz)
6.
Filter characteristics scale with output sample rate.
7.
The analog modulator samples the input at 6.144 MHz for an output sample rate of 48 kHz. There is no
rejection of input signals which are multiples of the sampling frequency (n x 6.144 MHz ±21.7 kHz where
n = 0,1,2,3…).
8.
Group delay for Fs = 48 kHz, tgd = 15/48 kHz = 312µs.
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
2.4
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage at lo = -20 µA
VOH
VA-1.0
-
-
V
Low-Level Output Voltage at lo = 20 µA
VOL
--
0.4
V
Input leakage Current
Iin
-
-
±10.0
µA
Parameter
Symbol
Min
Typ
Max
Unit
Passband
(0.05)
(Note 6)
0.02
-
21.7
kHz
Passband Ripple
--
±0.05
dB
Stopband
(Note 6)
29
-
6115
kHz
Stopband Attenuation
(Note 7)
80
-
-
dB
Group Delay
(Note 8)
tgd
-15/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0
µs
High Pass Filter Characteristics
Frequency Response:
-3 dB
(Note 6)
-0.1 dB
-
-
3.7
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 6)
-
10
-
Degree
Passband Ripple
--
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com