Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 4 Page - Cirrus Logic

  CS5331A Datasheet HTML 1Page - Cirrus Logic CS5331A Datasheet HTML 2Page - Cirrus Logic CS5331A Datasheet HTML 3Page - Cirrus Logic CS5331A Datasheet HTML 4Page - Cirrus Logic CS5331A Datasheet HTML 5Page - Cirrus Logic CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
DS138F5
CS5330A/31A
2. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(AGND = 0V, all voltages with respect to ground)
ABSOLUTE MAXIMUM RATINGS
(AGND = 0V, all voltages with respect to ground.) (Note 1)
Notes:
1.
Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
2.
Any Pin except supplies. Transient current of up to +/- 100 mA on the analog input pins will not cause
SCR latch-up.
3.
The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Unit
Analog Supply Voltage
VA+
4.75
5.0
5.25
V
Ambient Operating Temperature (Power Applied)
KS, KSZ
BS, DS
TA
-10
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Typ
Max
Unit
Analog Supply Voltage
VA+
-0.3
-
+6.0
V
Input Current, Any Pin Except Supplies
(Note 2)
lin
-
-
±10
mA
Analog Input Voltage
(Note 3)
VINA
-0.7
-
VA+0.7
V
Digital Input Voltage
(Note 3)
VIND
-0.7
-
VA+0.7
V
Ambient Temperature (power applied)
TA
-55
-
+125
°C
Storage Temperature
Tstg
-65
-
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com