Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic CS5331A Datasheet HTML 12Page - Cirrus Logic CS5331A Datasheet HTML 13Page - Cirrus Logic CS5331A Datasheet HTML 14Page - Cirrus Logic CS5331A Datasheet HTML 15Page - Cirrus Logic CS5331A Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
DS138F5
CS5330A/31A
4. PARAMETER DEFINITIONS
Resolution
The total number of possible output codes is equal to 2 N, where N = the number of bits in the output word
for each channel.
Dynamic Range
The ratio of the full-scale rms value of the signal to the rms sum of all other spectral components over the
specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth made
with a -60 dBFS signal. 60 dB is then added to the resulting measurement to refer the measurement to full
scale. This technique ensures that the distortion components are below the noise level and do not effect the
measurement. This measurement technique has been accepted by the Audio Engineering Society, AES17-
1991, and the Electronic Industries Association of Japan, EIAJ CP-307.
Total Harmonic Distortion+Noise (THD+N)
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
band width (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels. Measured
at -1 and -20 dBFS as suggested in AES17-1991 Annex A.
Total Harmonic Distortion
The ratio of the rms sum of all harmonics up to 20 kHz to the rms value of the signal.
Interchannel Phase Deviation
The phase difference between the left and right channel sampling times.
Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the converter’s
output with the input under test AC grounded and a full-scale signal applied to the other channel. Units in
decibels.
Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
Gain Error
The deviation of the measured full-scale amplitude from the ideal full-scale amplitude value.
Gain Drift
The change in gain value with temperature. Units in ppm/°C.
Bipolar Offset Error
The deviation of the mid-scale transition (111...111 to 000...000) from the ideal. Units in LSBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com