Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5331A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5331A Datasheet HTML 6Page - Cirrus Logic CS5331A Datasheet HTML 7Page - Cirrus Logic CS5331A Datasheet HTML 8Page - Cirrus Logic CS5331A Datasheet HTML 9Page - Cirrus Logic CS5331A Datasheet HTML 10Page - Cirrus Logic CS5331A Datasheet HTML 11Page - Cirrus Logic CS5331A Datasheet HTML 12Page - Cirrus Logic CS5331A Datasheet HTML 13Page - Cirrus Logic CS5331A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
DS138F5
CS5330A/31A
3.1.4
Slave Mode
LRCK and SCLK become inputs in SLAVE mode. LRCK must be externally derived from MCLK and be
equal to Fs. The frequency of SCLK should be equal to 64x LRCK, though other frequencies are possible.
MCLK frequencies of 256x, 384x, and 512x Fs are supported. The ratio of the applied MCLK to LRCK is
automatically detected during power-up and internal dividers are set to generate the ap-propriate internal
clocks.
3.1.5
CS5330A
The CS5330A data output format is shown in Figure 2. Notice that the MSB is clocked by the transition of
LRCK and the remaining seventeen data bits are clocked by the falling edge of SCLK. The data bits are
valid during the rising edge of SCLK.
3.1.6
CS5331A
The CS5331A data output format is shown in Figure 3. Notice the one SCLK period delay be-tween the
LRCK transitions and the MSB of the data. The falling edges of SCLK cause the ADC to output the eigh-
teen data bits. The data bits are valid during the rising edge of SCLK. LRCK is also inverted compared to
the CS5330A interface. The CS5331A interface is compatible with I2S.
01
2
18
19
20 21
22
31
0
1
2
18
19
20 21
22
23
31
0
1
SCLK
LRCK
Left Audio Data
Right Audio Data
17
16
10
17
16
10
SDATA
17
17
30
Figure 2. Data Output Timing-CS5330A
01
2
18
19
20 21
22
31
01
2
18
19
20 21
22
23
31
0
1
SCLK
LRCK
Left Audio Data
Right Audio Data
17
16
10
17
16
10
SDATA
3
3
30
Figure 3. Data Output Timing - CS5331A (I²S Compatible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com