Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Rev. 1.00
46
��to�e� �0� �01�
Rev. 1.00
4�
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
PCRH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
PCR9
PCR8
R/W
—
—
—
—
—
—
R/W
R/W
P�R
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as “0”
Bit 1
PCR9: Internal analog input channel AN9 enable
0: Internal analog input channel AN9 disabled
1: Internal analog input channel AN9 enabled
Bit 0
PCR8: Define PA1 is A/D input or not
0: Not A/D input
1: A/D input, AN8
A/D Operation
The START bit in the ADCR register is used to start and reset the A/D converter. When the
microcontroller sets this bit from low to high and then low again, an analog to digital conversion
cycle will be initiated. When the START bit is brought from low to high but not low again, the
EOCB bit in the ADCR register will be set high and the analog to digital converter will be reset. It
is the START bit that is used to control the overall start operation of the internal analog to digital
converter.
The EOCB bit in the ADCR register is used to indicate when the analog to digital conversion process
is complete. This bit will be automatically set to zero by the microcontroller after a conversion
cycle has ended. In addition, the corresponding A/D interrupt request flag will be set in the interrupt
control register, and if the interrupts are enabled, an appropriate internal interrupt signal will be
generated. This A/D internal interrupt signal will direct the program flow to the associated A/D
internal interrupt address for processing. If the A/D internal interrupt is disabled, the microcontroller
can be used to poll the EOCB bit in the ADCR register to check whether it has been cleared as an
alternative method of detecting the end of an A/D conversion cycle.
The clock source for the A/D converter originates from the subdivided version of fSYS. The division
ratio value is determined by the ADCS1~ADCS0 bits in the ACSR register.
Although the A/D clock source is determined by the system clock fSYS, and by bits ADCS1~ADCS0,
there are some limitations on the maximum A/D clock source speed that can be selected. As the
minimum value of permissible A/D clock period, tADCK, is 0.5 μs, care must be taken for system
clock frequencies equal to or greater than 4MHz. For example, if the system clock operates at a
frequency of 4MHz, the ADCS1~ADCS0 bits should not be set to “00”. Doing so will give A/D
clock periods that are less than the minimum A/D clock period which may result in inaccurate A/D
conversion values. Refer to the following table for examples, where values marked with an asterisk
* show where, depending upon the device, special care must be taken, as the values may be less than
the specified minimum A/D Clock Period.
fSYS
A/D Clock Period(tADCK)
ADCS1~ADCS0=00
(fSYS/2)
ADCS1~ADCS0=01
(fSYS/8)
ADCS1~ADCS0=10
(fSYS/32)
ADCS1~ADCS0=11
1MHz
2μs
8μs
32μs
Undefined
�MHz
1μs
4μs
16μs
Undefined
4MHz
500ns
2μs
8μs
Undefined
8MHz
�50ns*
1μs
4μs
Undefined
A/D Clock Period Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com