Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Rev. 1.00
�0
��to�e� �0� �01�
Rev. 1.00
�1
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Bank Pointer – BP
For this device, the Data Memory is divided into two banks, Bank0 and Bank1. Selecting the
required Data Memory area is achieved using the Bank Pointer. Bit 0 of the Bank Pointer is used to
select Data Memory Banks 0~1.
The Data Memory is initialised to Bank 0 after a reset, except for a WDT time-out reset in the Power
Down Mode, in which case, the Data Memory bank remains unaffected. It should be noted that the
Special Function Data Memory is not affected by the bank selection, which means that the Special
Function Registers can be accessed from within any bank. Directly addressing the Data Memory
will always result in Bank 0 being accessed irrespective of the value of the Bank Pointer. Accessing
data from Bank1 must be implemented using Indirect Addressing.
BP Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
DMBP
R/W
—
—
—
—
—
—
—
R/W
P�R
—
—
—
—
—
—
—
0
Bit 7~1
Unimplemented, read as “0”
Bit 0
DMBP: Select Data Memory Banks
0: Bank 0
1: Bank 1
Accumulator – ACC
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results
from the ALU are stored. Without the Accumulator it would be necessary to write the result of
each calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads. Data transfer operations usually involve
the temporary storage function of the Accumulator; for example, when transferring data between
one user defined register and another, it is necessary to do this by passing the data through the
Accumulator as no direct transfer between two registers is permitted.
Program Counter Low Register – PCL
To provide additional program control functions, the low byte of the Program Counter is made
accessible to programmers by locating it within the Special Purpose area of the Data Memory. By
manipulating this register, direct jumps to other program locations are easily implemented. Loading
a value directly into this PCL register will cause a jump to the specified Program Memory location,
however, as the register is only 8-bit wide, only jumps within the current Program Memory page are
permitted. When such operations are used, note that a dummy cycle will be inserted.
Look-up Table Registers – TBLP, TBLH
These two special function registers are used to control operation of the look-up table which is
stored in the Program Memory. TBLP is the table pointer and indicates the location where the table
data is located. Its value must be setup before any table read commands are executed. Its value
can be changed, for example using the “INC” or “DEC” instructions, allowing for easy table data
pointing and reading. TBLH is the location where the high order byte of the table data is stored
after a table read data instruction has been executed. Note that the lower order table data byte is
transferred to a user defined location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com