Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
Rev. 1.00
56
��to�e� �0� �01�
Rev. 1.00
5�
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Comparator registers
Full control over the internal comparator is provided via the control registers, CMP0C, CMP1C,
CMP2C, CMP3C, and CMPSC. These registers are used to select the input path and the offset
voltage cancellation function.
Register
Name
Bit
7
6
5
4
3
2
1
0
CMP0C
C0CMP�P C0C�FM
C0CRS
C0C�F4
C0C�F3
C0C�F�
C0C�F1
C0C�F0
CMP1C
C1CMP�P C1C�FM
C1CRS
C1C�F4
C1C�F3
C1C�F�
C1C�F1
C1C�F0
CMP�C
C�CMP�P C�C�FM
C�CRS
C�C�F4
C�C�F3
C�C�F�
C�C�F1
C�C�F0
CMP3C
C3CMP�P C3C�FM
C3CRS
C3C�F4
C3C�F3
C3C�F�
C3C�F1
C3C�F0
CMPSC
C3HYS�N C�HYS�N C1HYS�N C0HYS�N
—
—
C1CTL
C0N�AN9
Comparators Registers List
CMP0C Register
Bit
7
6
5
4
3
2
1
0
Name
C0CMP�P C0C�FM C0CRS
C0C�F4 C0C�F3 C0C�F� C0C�F1 C0C�F0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P�R
0
0
0
1
0
0
0
0
Bit 7
C0CMPOP: Comparator 0 positive logic output
Bit 6
C0COFM: Input offset voltage cancellation mode and comparator mode selection
0: Comparator mode
1: Input offset voltage cancellation mode
Bit 5
C0CRS: Comparator 0 input offset voltage cancellation reference selection bit
0: Select CP0N as the reference input
1: Select CP0P as the reference input
Bit 4~0
C0COF4~C0COF0: Comparator 0 input offset voltage cancellation control bits
CMP1C Register
Bit
7
6
5
4
3
2
1
0
Name
C1CMP�P C1C�FM C1CRS
C1C�F4 C1C�F3 C1C�F� C1C�F1 C1C�F0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P�R
0
0
0
1
0
0
0
0
Bit 7
C1CMPOP: Comparator 1 positive logic output
Bit 6
C1COFM: Input offset voltage cancellation mode and comparator mode selection
0: Comparator mode
1: Input offset voltage cancellation mode
Bit 5
C1CRS: Comparator 1 input offset voltage cancellation reference selection bit
0: Select CP1N as the reference input
1: Select CP1P as the reference input
Bit 4~0
C1COF4~C1COF0: Comparator 1 input offset voltage cancellation control bits
CMP2C Register
Bit
7
6
5
4
3
2
1
0
Name
C�CMP�P C�C�FM C�CRS
C�C�F4 C�C�F3 C�C�F� C�C�F1 C�C�F0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P�R
0
0
0
1
0
0
0
0
Bit 7
C2CMPOP: Comparator 2 positive logic output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com