Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
Rev. 1.00
16
��to�e� �0� �01�
Rev. 1.00
1�
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Holtek Writer Pins
MCU Programming Pins
Pin Description
ICPDA
PB0
P�og�amming Se�ial Data/Add�ess
ICPCK
PB3
P�og�amming Clo�k
VDD
VDD
Powe� Supply
VSS
VSS
G�ound
The Program Memory can be programmed serially in-circuit using this 4-wire interface. Data
is downloaded and uploaded serially on a single pin with an additional line for the clock. Two
additional lines are required for the power supply. The technical details regarding the in-circuit
programming of the device are beyond the scope of this document and will be supplied in
supplementary literature.
During the programming process, taking control of the ICPDA and ICPCK pins for data and clock
programming purposes. The user must there take care to ensure that no other outputs are connected
to these two pins.
*
Writer_VDD
ICPDA
ICPCK
Writer_VSS
To other Circuit
VDD
PB0
PB3
VSS
Writer Connector
Signals
MCU Programming
Pins
*
R
PA2
Note: 1.* may be resistor or capacitor. The resistance of * must be greater than 1kΩ or the
capacitance of * must be less than 1nF.
2. A Resistor with a value less than 1MΩ is recommended to be connected between PA2 and
VSS pins during programming.
On-Chip Debug Support – OCDS
There is an EV chip named HT45V0057 which is used to emulate the HT45F0057. The EV chip
device provides an “On-Chip Debug” function to debug the corresponding MCU device during the
development process. The EV chip and the actual MCU device are almost functionally compatible
except for the “On-Chip Debug” function. Users can use the EV chip device to emulate the real chip
device behavior by connecting the OCDSDA and OCDSCK pins to the Holtek HT-IDE development
tools. The OCDSDA pin is the OCDS Data/Address input/output pin while the OCDSCK pin is the
OCDS clock input pin. When using the EV device during debug, if there are other pin functions
which are shared with the OCDSDA and OCDSCK pins, then these functions will have no effect
in the EV chip. The two OCDS pins, which are pin-shared with the ICP programming pins, are still
used as Flash Memory programming pins for ICP. For a more detailed OCDS description, refer to
the corresponding document named “Holtek e-Link for 8-bit MCU OCDS User’s Guide”.
Holtek e-Link Pins
EV Chip Pins
Pin Description
�CDSDA
�CDSDA
�n-�hip De�ug Suppo�t Data/Add�ess input/output
�CDSCK
�CDSCK
�n-�hip De�ug Suppo�t Clo�k input
VDD
VDD
Powe� Supply
VSS
VSS
G�ound



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com