Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Rev. 1.00
3�
��to�e� �0� �01�
Rev. 1.00
33
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
The following table indicates the way in which the various components of the microcontroller are
affected after a power-on reset occurs.
Item
Condition after Reset
P�og�am Counte�
Reset to ze�o
Inte��upts
All inte��upts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins �ounting
Time�/Event Counte�
All Time�/Counte�s will �e tu�ned off
PPG Counte�
The PPG Counte� will �e stopped
PPG� I�FF �utput
Floating
Input/�utput Po�ts
I/� po�ts will �e setup as inputs
Sta�k Pointe�
Sta�k Pointe� will point to the top of the sta�k
The different kinds of resets all affect the internal registers of the microcontroller in different ways.
To ensure reliable continuation of normal program execution after a reset occurs, it is important to
know what condition the microcontroller is in after a particular reset occurs. The following table
describes how each type of reset affects each of the microcontroller internal registers.
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Powe Down Mode)
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
---- ---0
---- ---0
---- ---0
---- ---u
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
STATUS
--00 xxxx
--uu uuuu
--1u uuuu
--11 u uu u
INTC0
-000 0 000
-000 0 000
-000 0 000
-uuu uuuu
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
TMR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1C
00-0 -000
00-0 -000
00-0 -000
uu-u -uuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---u uuuu
PBC
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---u uuuu
CTRL0
00-- 0-00
00-- 0-00
00-- 0-00
uu-- u-uu
CMP0C
0001 0000
0001 0000
0001 0000
uuuu uuuu
CMP1C
0001 0000
0001 0000
0001 0000
uuuu uuuu
CMP�C
0001 0000
0001 0000
0001 0000
uuuu uuuu
INTC1
-00- -00-
-00- -00-
-00- -00-
-uu- -uu-
PPGC
0000 --00
0000 --00
0000 --00
uuuu --uu
PPGTA
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PPGTB
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PPGTEX
---x ---x
---x ---x
---x ---x
---u ---u
ADRL
xxxx ----
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
01-- 0000
01-- 0000
01-- 0000
uu-- uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com